Part Number Hot Search : 
T323033 15KPJ58 C486FD19 B3925 B3925 16373 BC857BL C486FD19
Product Description
Full Text Search
 

To Download MC145583 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document by MC145583/D
MC145583
Product Preview
3.3 Volt Only Driver/Receiver with an Integrated Standby Mode
28 1
DW SUFFIX SOG PACKAGE CASE 751F
EIA-232-E and CCITT V.28
The MC145583 is a CMOS transceiver composed of three drivers and five receivers that fulfills the electrical specifications of EIA-232-E, EIA-562, and CCITT V.28 while operating from a single + 3.3 or + 5.0 V power supply. This transceiver is a high-performance, low-power consumption device that is equipped with a standby function. A voltage tripler and inverter converts the + 3.3 V to 8.8 V, or a voltage doubler and inverter converts the + 5.0 V to 8.8 V. This is accomplished through an on-chip 40 kHz oscillator and five inexpensive external capacitors. Drivers: * 5 V Minimum Output Swing at 3.3 or 5.0 V Power Supply * 300 Power-Off Impedance * Output Current Limiting * Three-State Outputs During Standby Mode Receivers: * 25 V Input Range * 3 to 7 k Input Impedance * 0.8 V Hysteresis for Enhanced Noise Immunity * Three-State Outputs During Standby Mode Ring Monitor Circuit: * Invert the Input Level on Rx1 to Logic Output Level on RIMON at Standby Mode
28 1
VF SUFFIX SSOP CASE 940J
ORDERING INFORMATION
MC145583DW MC145583VF SOG Package SSOP
PIN ASSIGNMENT
C5+ GND C5- RIMON VSS STB Rx1 Rx2 Rx3 Tx1 Rx4 Tx2 Rx5 Tx3 1 2 3 4 5 6 7 8 9 10 11 12 13 14 RING MONITOR CIRCUIT (INVERTING) 28 27 26 25 24 23 22 21 20 19 18 17 16 15 C2+ VCC C2- C1+ C1- VDD DO1 DO2 DO3 DI1 DO4 DI2 DO5 DI3
This document contains information on a product under development. Motorola reserves the right to change or discontinue this product without notice.
REV 3 1/96
(c) Motorola, Inc. 1996 MOTOROLA
MC145583 1
FUNCTION DIAGRAM
CHARGE PUMPS OSC
VCC VOLTAGE TRIPLER VOLTAGE INVERTER
GND
C3
+ C1
+ C4
VDD
C2 C5+ +
C5 C5-
VSS
C1-
C1+
C2- +
C2+
**
RECEIVER VDD
*
15 k + - 5.4 k
STB
VCC
DO
1.0 V TURN OFF
* Protection Circuit. ** Capacitors C1 and C2 are replaced by a 1 F capacitor at VCC = 5.0 V supply. DRIVER VDD STB
1.8 V TURN ON
VCC
300 Tx
LEVEL SHIFTER
+ -
DI 1.4 V
VSS
MC145583 2
MOTOROLA
MAXIMUM RATINGS (Voltage polarities referenced to GND)
Rating DC Supply Voltage Input Voltage DC Current per Pin Power Dissipation Operating Temperature Range Storage Temperature Range Rx1 - Rx5 Inputs DI1 - DI3 Inputs Symbol VCC VIR I PD TA Tstg Value - 0.5 to + 6.0 VSS - 15 to VDD + 15 - 0.5 to VCC + 0.5 100 1 - 40 to + 85 - 85 to + 150 Unit V V mA W C C This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation, it is recommended that the voltage at the DI and DO pins be constrained to the range GND VDI VCC and GND VDO VCC. Also, the voltage at the Rx pin should be constrained to (VSS - 15 V) VRx1 - Rx5 (VDD + 15 V), and Tx should be constrained to VSS VTx1 - Tx3 VDD. Unused inputs must always be tied to an appropriate logic voltage level (e.g., GND or VCC for DI, and GND for Rx). Min 3.0 4.5 - 40 Typ 3.3 5.0 -- Max 3.6 5.5 85 Unit V C
RECOMMENDED OPERATING LIMITS
Parameter Power Supply Operating Temperature Range * Capacitors C1 and C2 are replaced by a 1 F capacitor at VCC = 5 V. Symbol VCC VCC* TA
DC ELECTRICAL CHARACTERISTICS (Voltage polarities referenced to GND = 0 V; C1 - C5 = 1 F; TA = 25C)
Parameter DC Power Supply Quiescent Supply Current (Output Unloaded, Input Low) Quiescent Supply Current (Standby Mode; STB = 1, Output Unloaded) Control Signal Input Voltage (STB) Control Signal Input Current (STB) Charge Pumps Output Voltage (VCC = 3 V; C1, C2, C3, C4, C5 = 1 F) Output Voltage (VDD) Iload = 0 mA Iload = 6 mA Output Voltage (VSS) Iload = 0 mA Iload = 6 mA Symbol VCC ICC ICC(STB) VIL VIH IIL IIH VDD 8.5 7.5 VSS -- -- 8.8 7.9 - 8.8 - 7.8 -- -- - 8.5 - 7.0 Min 3.0 -- -- -- VCC - 0.5 -- -- Typ 3.3 2.8 <5 -- -- -- -- Max 3.6 6.0 10 0.5 -- 10 10 Unit V mA A V A V
RECEIVER ELECTRICAL SPECIFICATIONS
(Voltage polarities referenced to GND = 0 V; VCC = + 3.3 V 10%; C1 - C5 = 1 F; TA = 25C) Parameter Input Turn-On Threshold (VDO1 - DO5 = VOL; Rx1 - Rx5) Input Turn-Off Threshold (VDO1 - DO5 = VOH; Rx1 - Rx5) Input Resistance High-Level Output Voltage (DO1 - DO5) VRx1 - Rx5 = - 3 to - 25 V Low-Level Output Voltage (DO1 - DO5) VRx1 - Rx5 = + 3 to + 25 V Ring Monitor Circuit (Input Threshold) High-Level Output Voltage (RIMON) Low-Level Output Voltage (RIMON) Iout = - 20 A Iout = - 1 mA Iout = + 20 A Iout = + 1.6 mA Iout = - 20 A Iout = - 1 mA Iout = + 20 A Iout = + 1.6 mA 3.3 V 5.0 V 3.3 V 5.0 V Symbol Von Voff Rin VOH VOL VTH VOH VOL Min 1.35 2.00 0.75 1.20 3 VCC - 0.1 VCC - 0.6 -- -- -- VCC - 0.1 VCC - 0.6 -- -- Typ 1.8 2.5 1.0 1.5 5.4 -- 2.7 0.01 0.5 1.1 -- 2.7 0.01 0.5 Max 2.35 3.10 1.25 1.80 7 -- -- 0.1 0.7 -- -- -- 0.1 0.7 Unit V V k V V V V V
MOTOROLA
MC145583 3
DRIVER ELECTRICAL SPECIFICATIONS
(Voltage polarities referenced to GND = 0 V; VCC = + 3.3 V or + 5.0 V 10%; C1 - C5 = 1 F; TA = 25C) Parameter Digital Input Voltage Logic Low Logic High DI1 - DI3 VIL VIH IIL IIH VOH -- 1.8 -- -- 5.0 8.5 VOL -- -- VRF Zoff ISC -- -- -- -- -- 300 - 7.0 - 8.8 -- -- - 5.0 - 8.5 5% -- 60 100 mA -- -- 7 -- 7.0 8.8 0.7 -- A -- 1.0 V -- -- V Symbol Min Typ Max Unit V
Digital Input Current DI1 - DI3 VDI = GND VDI = VCC Output High Voltage Load on All Tx1 - Tx3, RL = 3 k; CP = 2500 pF, VDI1 - DI3 = Logic Low No Load Output Low Voltage Load on All Tx1 - Tx3, RL = 3 k; CP = 2500 pF, VDI1 - DI3 = Logic High No Load Ripple (Refer to VDD - VSS Value) *** Off Source Impedance Output Short Circuit Current (VCC = 3.3 V or 5.5 V) Tx1 - Tx3 Shorted to GND* Tx1 - Tx3 Shorted to 15 V** Tx1 - Tx3
* Specification is for one Tx output to be shorted at a time. Should all three driver outputs be shorted simultaneously, device power dissipation limits could be exceeded. ** This condition could exceed package limitations. *** Ripple VRF would not exceed 5% of (VDD - VSS).
SWITCHING CHARACTERISTICS (VCC = + 3.3 V or + 5 V, 10%; C1 - C5 = 1 F; TA = 25C)
Parameter Symbol Min Typ Max Unit
Drivers
Propagation Delay Time Low-to-High (RL = 3 k, CL = 50 pF or 2500 pF) High-to-Low (RL = 3 k, CL = 50 pF or 2500 pF) Output Slew Rate (Source R = 300 ) Loading: RL = 3 - 7 k; CL = 2500 pF Output Disable Time* Output Enable Time* Tx1 - Tx3 Tx1 - Tx3 tDPLH -- tDPHL -- SR tDAZ tDZA 4 -- -- 0.5 -- 4 25 1 30 10 50 V/s s ms 0.5 1 s
Receivers
Propagation Delay Time Low-to-High High-to-Low Output Rise Time Output Fall Time Output Disable Time* Output Enable Time* * Including the charge pump setup time. DO1 - DO5 DO1 - DO5 DO1 - DO5 tRPLH tRPHL tr tf tRAZ tRZA -- -- -- -- -- -- -- -- 120 40 4 25 1 1 200 100 10 50 ns ns s ms s
TRUTH TABLES Drivers
DI X H L STB H L L Tx Z* L H X = Don't Care
Receivers
Rx X H L STB H L L DO Z* L H X = Don't Care
* VSS VTx VDD
* GND VDO VCC
MC145583 4
MOTOROLA
PIN DESCRIPTIONS
VCC Digital Power Supply (Pin 27) This digital supply pin is connected to the logic power supply. This pin should have a not less than 0.33 F capacitor GND. GND Ground (Pin 2) Ground return pin is typically connected to the signal ground pin of the EIA-232-E connector (Pin 7) as well as to the logic power supply ground. VDD Positive Power Supply (Pin 23) This is the positive output of the on-chip voltage tripler and the positive power supply input of the driver/receiver sections of the device. This pin requires an external storage capacitor to filter the 50% duty cycle voltage generated by the charge pump. VSS Negative Power Supply (Pin 5) This is the negative output of the on-chip voltage tripler/inverter and the negative power supply input of the driver/ receiver sections of the device. This pin requires an external storage capacitor to filter the 50% duty cycle voltage generated by the charge pump. RIMON Ring Monitor Circuit (Pin 4) The Ring Monitor Circuit will convert the input level on Rx1 pin at standby mode and output on the RIMON pin. STB Standby Mode (Pin 6) The device enters the standby mode while this pin is connected to the logic high level. During the standby mode,
driver and receiver output pins become high-impedance state. In this condition, supply current ICC is below 5 A (typ). C5+, C5-, C2+, C2-, C1+, C1- Voltage Tripler and Inverter (Pins 1, 3, 28, 26, 25, 24) These are the connections to the internal voltage tripler and inverter, which generate the VDD and VSS voltages. Rx1, Rx2, Rx3, Rx4, Rx5 Receive Data Inputs (Pins 7, 8, 9, 11, 13) These are the EIA-232-E receive signal inputs. A voltage between + 3 and + 25 V is decoded as a space, and causes the corresponding DO pin to swing to GND (0 V). A voltage between - 3 and - 25 V is decoded as a mark, and causes the DO pin to swing up to VCC. DO1, DO2, DO3, DO4, DO5 Data Outputs (Pins 22, 21, 20, 18, 16) These are the receiver digital output pins, which swing from VCC to GND. Output level of these pins is high impedance while in standby mode. DI1, DI2, DI3 Data Inputs (Pins 19, 17, 15) These are the high impedance digital input pins to the drivers. Input voltage levels on these pins must be between VCC and GND. Tx1, Tx2, Tx3 Transmit Data Output (Pins 10, 12, 14) These are the EIA-232-E transmit signal output pins, which swing toward VDD and VSS. A logic 1 at a DI input causes the corresponding Tx output to swing toward VSS. The actual levels and slew rate achieved will depend on the output loading (RL /CL ). The minimum output impedance is 300 when turned off.
SWITCHING CHARACTERISTICS
DRIVER DI1 - DI3 (INPUT) +3V 50% 0V tf Tx1 - Tx3 (OUTPUT) tDPHL RECEIVER Rx1 - Rx5 (INPUT) +3V 50% 0V DO1 - DO5 (OUTPUT) tRPHL 90% 10% tf tr tRPLH VOH VOL tRAZ DO1 - DO5 (OUTPUT) 90% 10% tRZA HIGH Z 90% 10% STB (INPUT) + 1.5 V + 1.5 V 0V VOH VOL 90% 10% tDPLH RECEIVER + 3.3 V VOL tr VOH Tx1 - Tx3 (OUTPUT) tDAZ +5V -5V tDZA HIGH Z +5V STB (INPUT) + 1.5 V + 1.5 V 0V VOH DRIVER + 3.3 V
-5V V OL
MOTOROLA
MC145583 5
ESD PROTECTION ESD protection on IC devices that have their pins accessible to the outside world is essential. High static voltages applied to the pins when someone touches them either directly or indirectly can cause damage to gate oxides and transistor junctions by coupling a portion of the energy from the I/O pin to the power supply buses of the IC. This coupling
will usually occur through the internal ESD protection diodes which are designed to do just that. The key to protecting the IC is to shunt as much of the energy to ground as possible before it enters the IC. Figure 1 shows a technique which will clamp the ESD voltage at approximately 15 V using the MMBZ15VDLT1. Any residual voltage which appears on the supply pins is shunted to ground through the capacitors C1 and C2.
C5+ GND MMBZ15VDLT1 x 8 C5- RIMON VSS STB Rx1 Rx2 Rx3 Tx1 Rx4 Tx2 Rx5 Tx3
C2+ VCC C2- C1+ C1- VDD DO1 DO2 DO3 DI1 DO4 DI2 DO5 DI3 0.1 F C2 0.1 F C1
Figure 1. ESD Protection Scheme
MC145583 6
MOTOROLA
PACKAGE DIMENSIONS
DW SUFFIX SOG PACKAGE CASE 751F-04 -A28 15 14X
-B1 14
P 0.010 (0.25)
M
B
M
28X D
0.010 (0.25)
M
TA
S
B
S
M R X 45
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.13 (0.005) TOTAL IN EXCESS OF D DIMENSION AT MAXIMUM MATERIAL CONDITION. DIM A B C D F G J K M P R MILLIMETERS MIN MAX 17.80 18.05 7.60 7.40 2.65 2.35 0.49 0.35 0.90 0.41 1.27 BSC 0.32 0.23 0.29 0.13 8 0 10.05 10.55 0.25 0.75 INCHES MIN MAX 0.701 0.711 0.292 0.299 0.093 0.104 0.014 0.019 0.016 0.035 0.050 BSC 0.009 0.013 0.005 0.011 0 8 0.395 0.415 0.010 0.029
-T26X
C G K -TSEATING PLANE
F J
VF SUFFIX SSOP CASE 940J-01
28 15
B -R-
1
14
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROSTRUSION. MOLD PROTRUSION IS 0.15 (0.006) MAX PER SIDE. DIM A B C D E F G H J K L M MILLIMETERS MIN MAX 10.10 10.20 5.20 5.30 --- 2.00 0.20 0.40 1.75 1.85 0.45 0.75 0.65 BSC 0.00 0.15 0.10 0.20 0.325 BSC 7.50 7.90 1_ 7_ INCHES MIN MAX 0.398 0.402 0.205 0.209 --- 0.079 0.008 0.016 0.069 0.073 0.018 0.030 0.0256 BSC 0.000 0.006 0.004 0.008 0.0128 BSC 0.295 0.311 1_ 7_
A -P-
L 0.25 (0.010)
M
TR
S
-T- K G D 0.12 (0.005)
M
J
TP
S
0.10 (0.004) T E C -T- H
SEATING PLANE
F
M
MOTOROLA
MC145583 7
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters can and do vary in different applications. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer.
How to reach us: USA/EUROPE: Motorola Literature Distribution; P.O. Box 20912; Phoenix, Arizona 85036. 1-800-441-2447 MFAX: RMFAX0@email.sps.mot.com - TOUCHTONE (602) 244-6609 INTERNET: http://Design-NET.com
JAPAN: Nippon Motorola Ltd.; Tatsumi-SPD-JLDC, Toshikatsu Otsuki, 6F Seibu-Butsuryu-Center, 3-14-2 Tatsumi Koto-Ku, Tokyo 135, Japan. 03-3521-8315 HONG KONG: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298
MC145583 8
*MC145583/D*
MC145583/D MOTOROLA


▲Up To Search▲   

 
Price & Availability of MC145583

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X